Part Number Hot Search : 
EN3949E L3208AC AN124 ST80500 EL8100 1SM5942B CM542 5962F
Product Description
Full Text Search
 

To Download EIA7785-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIA7785-2
UPDATED 11/16/2006
7.70-8.50GHz 2-Watt Internally Matched Power FET
FEATURES
* * * * * * * 7.70- 8.50GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +34 dBm Output Power at 1dB Compression 12.5 dB Power Gain at 1dB Compression 33% Power Added Efficiency Hermetic Metal Flange Package 100% Tested for DC, RF, and RTH
.060 MIN.
.650.008 .512
EIA7785-2
GATE
Excelics
YYWW
.060 MIN.
DRAIN
.319
.022
SN
.094 .382 .004 .129 .070 .008 .045
ALL DIMENSIONS IN INCHES
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G PAE Id1dB IDSS VP RTH PARAMETERS/TEST CONDITIONS Output Power at 1dB Compression f = 7.70-8.50GHz VDS = 8V, IDSQ 800mA Gain at 1dB Compression f = 7.70-8.50GHz VDS = 8V, IDSQ 800mA Gain Flatness f = 7.70-8.50GHz VDS = 8V, IDSQ 800mA Power Added Efficiency at 1dB Compression VDS = 8V, IDSQ 800mA f = 7.70-8.50GHz Drain Current at 1dB Compression f = 7.70-8.50GHz Saturated Drain Current Pinch-off Voltage Thermal Resistance
2 1
Caution! ESD sensitive device. MIN 33.0 11.5 TYP 34.0 12.5 0.6 33 900 1400 -1.0 10 1100 1800 -2.5 11
o
MAX
UNITS dBm dB dB % mA mA V C/W
VDS = 3 V, VGS = 0 V VDS = 3 V, IDS = 14 mA
Note: 1. Tested with 100 Ohm gate resistor. 2. Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING1,2
SYMBOLS PARAMETERS ABSOLUTE1 CONTINUOUS2
VDS VGS Igsf Igsr Pin Tch Tstg
Pt
Drain-Source Voltage Gate-Source Voltage Forward Gate Current Reverse Gate Current Input Power Channel Temperature Storage Temperature
Total Power Dissipation
12 -5 21.6mA -3.6mA 33dBm 175 oC -65 to +175 oC
13W
8V -3V 7.2mA -1.2mA @ 3dB Compression 175 oC -65 to +175 oC
13W
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 page 1 of 2 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com Revised November 2006
EIA7785-2
UPDATED 11/16/2006
7.70-8.50GHz 2-Watt Internally Matched Power FET
DISCLAIMER EXCELICS SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. EXCELICS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN.
LIFE SUPPORT POLICY EXCELICS SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF EXCELICS SEMICONDUCTOR, INC. AS HERE IN:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 page 2 of 2 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com Revised November 2006


▲Up To Search▲   

 
Price & Availability of EIA7785-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X